PART |
Description |
Maker |
DDA114EU DDA114EU-7 DDA114TU DDA114TU-7 DDA114YU D |
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, 300 PIN PLUG, 0.05 X 0.05 IN. CENTERLINES, MEG-ARRAY, UL REQUIRED 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR CONN, PLUG, .050 IN, MEG-ARRAY, 300 X NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDTA123JE-7-F DDTA113ZE-7-F DDTA143FE-7-F DDTA114W |
PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. 小信号晶体管 Diodes, Inc.
|
DDA122LU-7-F DDA122TU-7-F DDA142TU-7-F DDA142JU-7- |
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DDTC114WE DDTC114WE-7 DDTC114YE DDTC114YE-7 DDTC12 |
SNAP LOCK CABLE MARKER - W 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 4-Indent D-Sub Crimper; For Use With:4-Indent Closed-Barrel D-Sub Contacts; Color:Red; Series:1440; Wire Size (AWG):20-12 RoHS Compliant: Yes npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
DDTA115TUA-7-F DDTA113TUA-7-F DDTA123TUA-7-F DDTA1 |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DDTA114GCA2 |
PNP PRE-BIASED SMALL SIGNAL SOT-23
|
Diodes Incorporated
|
DDTA123YCA DDTA113ZCA2 |
PNP PRE-BIASED SMALL SIGNAL SOT-23
|
Diodes Incorporated
|
DDTA123EKA-7-F DDTA114EKA-7-F DDTA143EKA-7-F |
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DDTA113TKA-7-F |
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
|
Diodes Inc.
|
DDTA144WKA-7-F DDTA113ZKA DDTA113ZKA_1 DDTA113ZKA- |
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
DDTA114GCA-7-F |
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
|
Diodes Inc.
|
DDTB113ZC-7-F DDTB114GC-7-F DDTB114EC-7-F DDTB113E |
PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Prebiased Transistors
|
Diodes, Inc.
|
|